Part Number Hot Search : 
M5S28BJ 2045CT 25V18 CT240 PM3386 ML99212 HPR409 5KP26
Product Description
Full Text Search
 

To Download IRL3714Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Applications l High Frequency Synchronous Buck Converters for Computer Processor Power
HEXFET(R) Power MOSFET
IRL3714Z IRL3714ZS IRL3714ZL
Qg
4.8nC
PD - 94798
VDSS RDS(on) max
20V 16m:
Benefits l Low RDS(on) at 4.5V VGS l Ultra-Low Gate Impedance l Fully Characterized Avalanche Voltage and Current
TO-220AB IRL3714Z
D2Pak IRL3714ZS
TO-262 IRL3714ZL
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TC = 100C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
20 20 36g 25g 140 35 18 0.23 -55 to + 175 300 (1.6mm from case)
Units
V A
Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
W W/C C
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat Greased Surface Junction-to-Ambient
Typ.
Max.
4.3 --- 62 40
Units
C/W
eA
e
--- 0.50 --- ---
Junction-to-Ambient (PCB Mount)
h
Notes through are on page 12
www.irf.com
1
10/8/03
IRL3714Z/ZS/ZL
Static @ TJ = 25C (unless otherwise specified)
Parameter
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units
20 --- --- --- 1.65 --- --- --- --- --- 21 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.015 13 21 2.1 -5.2 --- --- --- --- --- 4.8 1.7 0.80 1.7 0.60 2.5 2.7 6.0 13 10 5.0 550 180 99 --- --- 16 26 2.55 --- 1.0 150 100 -100 --- 7.2 --- --- --- --- --- --- --- --- --- --- --- --- --- pF VGS = 0V VDS = 10V ns nC nC VDS = 10V VGS = 4.5V ID = 14A S nA V mV/C A V
Conditions
VGS = 0V, ID = 250A
mV/C Reference to 25C, ID = 1mA m VGS = 10V, ID = 15A VGS = 4.5V, ID = 12A
e e
VDS = VGS, ID = 250A VDS = 16V, VGS = 0V VDS = 16V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VDS = 10V, ID = 14A
See Fig. 16 VDS = 10V, VGS = 0V VDD = 10V, VGS = 4.5V ID = 14A Clamped Inductive Load
e
= 1.0MHz
Avalanche Characteristics
EAS IAR EAR Parameter Single Pulse Avalanche Energyd Avalanche CurrentA Repetitive Avalanche Energy Typ. --- --- --- Max. 23 14 3.5 Units mJ A mJ
--- --- --- --- --- --- --- --- 8.3 1.5
Diode Characteristics
Parameter
IS ISM VSD trr Qrr Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units
36g A 140 1.0 12 2.3 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G S D
p-n junction diode. TJ = 25C, IS = 14A, VGS = 0V TJ = 25C, IF = 14A, VDD = 10V di/dt = 100A/s
e
e
2
www.irf.com
IRL3714Z/ZS/ZL
1000
TOP VGS 10V 9.0V 7.0V 5.0V 4.5V 4.0V 3.5V 3.0V
1000
TOP VGS 10V 9.0V 7.0V 5.0V 4.5V 4.0V 3.5V 3.0V
ID, Drain-to-Source Current (A)
100
BOTTOM
ID, Drain-to-Source Current (A)
100
BOTTOM
10
10 3.0V 30s PULSE WIDTH Tj = 175C 0.1 1 V DS, Drain-to-Source Voltage (V) 10
3.0V 1 0.1 1
30s PULSE WIDTH Tj = 25C 10
1
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
100
T J = 25C T J = 175C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID, Drain-to-Source Current ()
ID = 36A VGS = 10V
1.5
10
1.0
1.0 2 3 4 5
VDS = 10V 30s PULSE WIDTH 6 7 8 9 10
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
VGS, Gate-to-Source Voltage (V)
T J , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
www.irf.com
3
IRL3714Z/ZS/ZL
10000 VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
6.0 ID= 14A
VGS, Gate-to-Source Voltage (V)
5.0 4.0 3.0 2.0 1.0 0.0
VDS= 16V VDS= 10V
C, Capacitance(pF)
1000
Ciss Coss
100
Crss
10 1 10 100
0
1
2
3
4
5
6
7
VDS, Drain-to-Source Voltage (V)
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
1000.00
1000 OPERATION IN THIS AREA LIMITED BY R DS(on)
100.00 T J = 175C 10.00
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
10 Tc = 25C Tj = 175C Single Pulse 1 0 1 10
100sec
T J = 25C 1.00 0.0 0.5 1.0 1.5
1msec 10msec 100
VGS = 0V 2.0 2.5
VSD, Source-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRL3714Z/ZS/ZL
40
3.0
ID, Drain Current (A)
30 25 20 15 10 5 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
VGS(th) Gate threshold Voltage (V)
35
2.5
2.0
ID = 250A
1.5
1.0 -75 -50 -25 0 25 50 75 100 125 150 175 200
T J , Temperature ( C )
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Threshold Voltage vs. Temperature
10
Thermal Response ( Z thJC )
D = 0.50
1
0.20 0.10 0.05
J J 1 R1 R1 2 R2 R2 R3 R3 3 C 3
Ri (C/W) i (sec) 1.292 0.000135 2.337 0.652 0.000882 0.005472
0.1
0.02 0.01 SINGLE PULSE ( THERMAL RESPONSE )
1
2
Ci= i/Ri Ci= i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.001 0.01 0.1
0.01 1E-006 1E-005 0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRL3714Z/ZS/ZL
15V
100
EAS , Single Pulse Avalanche Energy (mJ)
VDS
L
DRIVER
80
ID 3.7A 6.2A BOTTOM 14A TOP
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
60
0.01
40
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
20
0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy vs. Drain Current
I AS
LD VDS
Fig 12b. Unclamped Inductive Waveforms
+
VDD D.U.T VGS Pulse Width < 1s Duty Factor < 0.1%
Current Regulator Same Type as D.U.T.
50K 12V .2F .3F
Fig 14a. Switching Time Test Circuit
D.U.T. + V - DS
90%
VGS
3mA
VDS
IG
ID
10%
Current Sampling Resistors
VGS
td(on) tr td(off) tf
Fig 13. Gate Charge Test Circuit
Fig 14b. Switching Time Waveforms
6
www.irf.com
IRL3714Z/ZS/ZL
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 15. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Id Vds Vgs
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16. Gate Charge Waveform
www.irf.com
7
IRL3714Z/ZS/ZL
Power MOSFET Selection for Non-Isolated DC/DC Converters
Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by;
* P =P loss conduction + P drive + P output
P = Irms x Rds(on) loss
+ (Qg x Vg x f )
(
2
)
Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
Q + oss x Vin x f + (Qrr x Vin x f ) 2
*dissipated primarily in Q1.
Ploss = (Irms x Rds(on ) )
2
Qgs 2 Qgd +Ix x Vin x f + I x x Vin x ig ig + (Qg x Vg x f ) + Qoss x Vin x f 2
f
This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Qgs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage.
For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on.
Figure A: Qoss Characteristic
8
www.irf.com
IRL3714Z/ZS/ZL
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
2.87 (.113) 2.62 (.103) 10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240) -B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN
14.09 (.555) 13.47 (.530)
4.06 (.160) 3.55 (.140)
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
EXAMPLE: THIS IS AN IRF1010 LOT CODE 1789 AS S EMBLED ON WW 19, 1997 IN T HE AS S EMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO AS S EMBLY LOT CODE PART NUMBER
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
For GB Production
EXAMPLE: T HIS IS AN IRF1010 LOT CODE 1789 AS S EMBLED ON WW 19, 1997 IN T HE AS S EMBLY LINE "C" INTERNATIONAL RECT IFIER LOGO LOT CODE PART NUMBER
DAT E CODE
www.irf.com
9
D2Pak Package Outline
IRL3714Z/ZS/ZL
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information
T HIS IS AN IRF530S WIT H LOT CODE 8024 AS S EMBLED ON WW 02, 2000 IN T HE AS S EMBLY LINE "L" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER F530S DAT E CODE YEAR 0 = 2000 WEEK 02 LINE L
PART NUMBER F530S DAT E CODE
For GB Production
T HIS IS AN IRF530S WIT H LOT CODE 8024 AS S EMBLED ON WW 02, 2000 IN T HE AS S EMBLY LINE "L" INT ERNAT IONAL RECT IFIER LOGO LOT CODE
10
www.irf.com
IRL3714Z/ZS/ZL
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
IGBT 1- GATE 2- COLLECTOR
TO-262 Part Marking Information
EXAMPLE: THIS IS AN IRL3103L LOT CODE 1789 AS SEMBLED ON WW 19, 1997 IN T HE AS S EMBLY LINE "C" INT ERNAT IONAL RECTIFIER LOGO AS SEMBLY LOT CODE PART NUMBER
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
www.irf.com
11
IRL3714Z/ZS/ZL
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
30.40 (1.197) MAX.
26.40 (1.039) 24.40 (.961) 3
4
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 0.22mH, RG = 25, IAS = 14A. Pulse width 400s; duty cycle 2%.
Coss eff. is a fixed capacitance that gives the same charging This is only applied to TO-220AB pakcage. This is applied to D2Pak, when mounted on 1" square PCB (FR4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994. time as Coss while VDS is rising from 0 to 80% VDSS.
TO-220AB package is not recommended for Surface Mount Application.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
12
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 10/03
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRL3714Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X